Part Number Hot Search : 
AN124 20ECB BS521 AK8135F C471MPD 7244S XFVOIP SD1030S
Product Description
Full Text Search
 

To Download NLER47M63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
SUBMINIATURE, LOW-LEAKAGE CURRENT, RADIAL LEAD, POLARIZED FEATURES * LOW PROFILE, 7mm HEIGHT * LOW LEAKAGE CURRENT & LOW NOISE * LOW COST REPLACEMENT FOR MANY TANTALUM APPLICATIONS CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current @ (20oC) after 2 min. Max. Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at Rated W.V. & 85C 1,000 Hours 6.3 ~ 50 VDC 0.1 ~ 100F -40 ~ +85C (M) + 20% or (K) + 10% 0.002CV or 0.4A, whichever is greater W.V. (Vdc) S.V. (Vdc) Tan Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current 6.3 8 0.20 4 8 10 13 0.18 3 6 16 20 0.16 2 4 25 32 0.14 2 4 35 44 0.12 2 3 50 63 0.10 2 3
NLE Series
Within +20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85oC)

MAXIMUM E.S.R. ( AT 20oC AND 120Hz)


(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
57
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

NLE Series
LEAD SPACING AND DIAMETER (mm)

Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
PART NUMBER SYSTEM
NLE 1R0 M 50V 4x7
RoHS Compliant Size (D x L) Rated Voltage Tolerance Code Capacitance Code
F
Series
(R)
58
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NLER47M63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X